Part Number Hot Search : 
2520S LTP747Y 2520S 40002 OP165W MBT440 AOD40311 T82K6
Product Description
Full Text Search
 

To Download 4008DR500KE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ohmite mfg. co. 1-866-9-ohmite ? intl 1-847-258-0300 ? fax 1-847-574-7522 ? www.ohmite.com ? info@ohmite.com 31 standard part number s for 200 series 200 series brown devil ? vitreous enamel power ohmites brown devil ? is a small, exceptionally durable power resistor. it features all-welded construction and rugged, flame resistant confor - mal lead free vitreous enamel coating to ensure successful performance under high tem - peratures. the wirewound 200 series has a hollow-core construc - tion, which accommodates rigid mounting with brackets or thru bolts. mounting brackets not included with resistors. fe atures ? rugged lead free vitreous enam - el coating ? all-welded construction. ? self supporting terminal mount - ing option. ? higher power ratings. ? flame-resistant lead free vitre - ous enamel coating. ? rohs compliant product avail- able. add e suffix to part num- ber to specify. l d 1.50 in. -0/+0.25 38.10 mm -0/+6.35 c = standard values; check availability using the world - wide inventory search at www.ohmite.com these values involve very fine resistance wire and should not be used in critical applications without burn-in and/or thermal cycling: b5: 6.8k-20k b8: 12.5k-25k b12: 30k-51k b20: 22.5k-100k 0.5 CCC r50e 1 CCC1r0e 1.1 CCC1r1e 1.2 CCC 1r2e 1.3 CCC 1r3e 1.5 CCC1r5e 1.6 CCC1r6e 1.8 CCC1r8e 2 CCC2r0e 2.2 CCC 2r2e 2.4 CCC2r4e 2.7 CCC2r7e 3 CCC3r0e 3.3 CCC3r3e 3.6 CCC3r6e 3.9 CCC3r9e 4 CCC 4r0e 4.3 CCC4r3e 4.7 CCC4r7e 5 CCC 5r0e 5.1 CCC5r1e 5.6 CCC5r6e 6.2 CCC6r2e 6.8 CCC6r8e 7.5 CCC7r5e 8.2 CCC8r2e 9.1 CCC9r1e 10 CCC10re 11 CCC 11re 12 CCC12re 13 CCC 13re 15 CCC15re 16 CCC 16re 18 CCC 18re 20 CCC20re 22 CCC22re 24 CCC24re 25 CCC 25re 27 CCC27re 30 CCC30re 33 CCC33re 35 CCC 35re 36 CCC 36re 39 CCC39re 40 CCC 40re 43 CCC43re 47 CCC47re 50 CCC 50re 51 CCC51re 56 CCC56re 62 CCC62re 68 CCC68re 75 CCC75re 82 CCC82re 91 CCC91re 100 CCC100e 110 CCC 110e 120 CCC120e 125 CCC 125e 130 CCC 130e 150 CCC150e 160 CCC160e 180 CCC180e 200 CCC200e 220 CCC220e 225 CCC 225e 240 CCC240e 250 CCC 250e 2,250 CCC 2k25e 2,400 CCC 2k4e 2,500 CCC 2k5e 2,700 CCC2k7e 2,750 CCC 2k75e 3,000 CCC3k0e 3,300 CCC3k3e 3,500 CCC 3k5e 3,600 CCC 3k6e 3,900 CCC3k9e 4,000 CCC 4k0e 4,300 CCC4k3e 4,500 CCC4k5e 4,700 CCC4k7e 5,000 CCC 5k0e 5,100 CCC5k1e 5,600 CCC5k6e 6,000 CCC 6k0e 6,200 CCC6k2e 6,800 CCC6k8e 7,000 CCC 7k0e 7,500 CCC7k5e 8,000 CCC 8k0e 8,200 CCC8k2e 8,500 CCC 8k5e 9,000 CCC 9k0e 9,100 CCC 9k1e 10,000 CCC10ke 11,000 CCC 11ke 12,000 CCC12ke 12,500 CCC 12k5e 13,000 CCC13ke 13,500 CCC 13k5e 15,000 CCC15ke 16,000 CCC 16ke 17,500 CCC 17k5e 18,000 CCC 18ke 20,000 CCC20ke 22,500 CCC 22k5e 25,000 CCC 25ke 30,000 CCC 30ke 35,000 CCC 35ke 40,000 CCC 40ke 45,000 CCC 45ke 50,000 CCC 50ke 55,000 CCC 55ke 60,000 CCC 60ke 65,000 CCC 65ke 70,000 CCC 70ke 75,000 CCC 75ke 80,000 CCC 80ke 85,000 CCC 85ke 90,000 CCC 90ke 95,000 CCC 95ke 100,000 CCC 100ke ohmic value b5jCCC 5.25 b8jCCC 8 b12jCCC 12 b20jCCC 20 wattage part no. prefix suffix ohmic value b5jCCC 5.25 b8jCCC 8 b12jCCC 12 b20jCCC 20 wattage part no. prefix suffix ohmic value b5jCCC 5.25 b8jCCC 8 b12jCCC 12 b20jCCC 20 wattage part no. prefix suffix 270 CCC270e 300 CCC 300e 330 CCC330e 350 CCC 350e 360 CCC 360e 390 CCC390e 400 CCC 400e 430 CCC 430e 450 CCC 450e 470 CCC470e 500 CCC 500e 510 CCC510e 560 CCC560e 600 CCC 600e 620 CCC620e 650 CCC 650e 680 CCC680e 700 CCC 700e 750 CCC750e 800 CCC 800e 820 CCC820e 900 CCC 900e 910 CCC 910e 1,000 CCC1k0e 1,100 CCC1k1e 1,200 CCC1k2e 1,250 CCC 1k25e 1,300 CCC1k3e 1,500 CCC1k5e 1,600 CCC 1k6e 1,750 CCC 1k75e 1,800 CCC 1k8e 2,000 CCC2k0e 2,200 CCC2k2e ohmic value b5jCCC 5.25 b8jCCC 8 b12jCCC 12 b20jCCC 20 wattage part no. prefix suffix ohmic value b5jCCC 5.25 b8jCCC 8 b12jCCC 12 b20jCCC 20 wattage part no. prefix suffix see page 36 for mounting hardware dimensions (in. / mm ) lead max. s eries wattage ohms l d c gauge volt.* b5 5.25 0.1-20k 0.625 / 15.88 0.250 / 6.35 0.135 / 3.43 20 187 b8 8.0 0.03-25k 1.000 / 25.40 0.313 / 7.94 0.188 / 4.76 18 250 b12 12.0 0.08-51k 1.750 / 44.45 0.313 / 7.94 0.188 / 4.76 18 625 b20 20.0 0.1-100k 2.000 / 50.80 0.438 / 11.11 0.250 / 6.35 18 750 specific ations material coating: lead free vitreous enamel. core: ceramic. terminals: tinned axial; rohs solder composition is 96% sn, 3.5% ag, 0.5% cu derating: linearly from 100% @ +25c to 0% @ +350c. electrical tolerance: 1 + : 5% under 1 : 10% power rating: based on 25c free air rating. overload: 10 times rated wattage for 5 seconds. temperature coefficient: 5 and under: 400 ppm/c above 5 : 260 ppm/c to calculate max. amps: use the formula p/r. ordering inf o m ade-to-order parts ?? ? ????? tolerance f= 1% h= 3% j= 5% k= 10% ohms 1r0 = 1 ? 250 = 250 ? 1k0 = 1,000 ? 25k = 25,000 ? 25k5 = 25,500 ? rohs compliant series wattage non-inductive winding optional (blank = std. winding) coating blank =v itreous c= centohm s= silicone 200 n 8d5r000je tolerance f= 1% h= 3% j= 5% k= 10% core diameter see core and terminal selection ohms r500 = 0.500 ? 1r00 = 1 ? 250r = 250 ? 1k00 = 1,000 ? 25k0 = 25,000 ? 25k5 = 25,500 ? rohs compliant coating 200 = vitreous 400 = silicone ceramic wattage 3 5.25 8 12 20 non-inductive winding optional (blank = std. winding) see web - site for custom core info non-inductive versions available. insert n before tolerance code. example - b5nj10re also available in low cost centohm or silicone coating. consult ohmite. * maximum voltage is based on ohms law [v= p*r] as limited by the resistance value of specified product


▲Up To Search▲   

 
Price & Availability of 4008DR500KE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X